PART |
Description |
Maker |
EKO |
Aluminum Electrolytic Capacitors, Radial Style, Polarized AI Electrolytic Capacitor, High C-U Product, Small Dimensions
|
Vishay
|
MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MM |
Small Signal 4.7V 5% Zener 2.8V 2.4V Zener Small Signal 27V 5% Zener 43V 5% Zener 47V 5% 51V Zener Zener 62V 5% 60V Zener Small Signal 6.8V 5% Small Signal 25V 5% Small Signal 9.1V 5% Zener Voltage Regulator 30V 5% Small Signal 16V 5% Small Signal Zener 36V 5% Small Signal 20V 5%
|
ON Semiconductor
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BSV12 BSW65 BSS44 BSW67 BSX64 BSV16 BFY50 BSX60 BS |
Small Signal Transistors 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Siemens Semiconductor Group Seme LAB
|
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BSS125 Q67000-S233 Q62702-S021 Q67000-S008 BSS125Q |
N-Channel SIPMOS Small-Signal Transistor SIPMOS ? Small-Signal Transistor 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor Transient Voltage Suppressor Diodes SIPMOS Small-Signal Transistor (N channel Enhancement mode) SIPMOS小信号晶体管N通道增强模式 SIPMOS Small-Signal Transistor (N channel Enhancement mode) 100 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SD1619 |
Very small size making it easy to provide highdensity,small-sized hybrid IC’s.
|
TY Semiconductor Co., Ltd
|
2SB1119 |
Very small size making it easy to provide highdensity, small-sized hybrid ICS
|
TY Semiconductor Co., Ltd
|
HEDS-9741-250 HEDS-974 HEDS-9740-150 HEDS-9740-250 |
Small Optical Encoder Modules 小型光学编码器模 Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules HEDS-9741#250 · Small Optical Encoder Modules HEDS-9740#150 · Small Optical Encoder Modules
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
SOT-89-3L |
SOT-89-3L PACKAGE OUTLINE DIMENSIONS SOT-89-3L PACKAGE OUTLINE DIMENSIONS
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
UNA0217 0824 UNA0217UN217 |
UNA0217 (UN217) - Transistor array to drive the small motor From old datasheet system Small Signal Transistor Arrays
|
Matsshita / Panasonic
|
VN0606L |
TRANSISTOR 330 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-226AA, TO-92, 3 PIN, FET General Purpose Small Signal
|
Vishay Siliconix
|